Part Number Hot Search : 
MPSA56 MPSA56 TC144 SI2312 TC144 BAV19 TS14DMS AN2944
Product Description
Full Text Search
 

To Download KSA928A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP
SILICON
TRANSISTOR OO|uIaA KSA928A
ECI* cxOAE/1/4 IE3/4
H928S
x/OoAE*Ao
O/OOAI3/4
IaI 1/4 Oy1/2A A
1/4IO
Ouae T stg Tj1/2aIA PC 1/4c
Ta=25ae(c)
IAE--------55~150ae 1 5 0 ae AE - - - - - 750mW -30V
TO-92
----------------1/4AE|
V CBO 1/4 c 1/4 u 1/4 c N - - - - - V CEO V EBO IC1/4c 1/4 * c1/4*Ea Ea1/4 1/4cA/-u1/4 1/4cNcN------ - -------- -----
-30V -5V -2A
1D*Ea1/4 2D1/4c 3Du 1/4
E C B
IEy*uA
cIEy
Ta=25ae(c)
*u A E A/ xiO aIO xioO I a EO Io 1/4
BVCBO BVCEO BVEBO ICBO IEBO HFE VCE(sat) 1/4c*Ea/(c)N *Ea1/4u/(c)cN 1/4cu1/2OOA/ *Ea1/4u1/2OOcA/ OA/cOoOae 1/4c*EaIN u1/4*EaIcN IOO/AEAE u1/4EaocEY VBE(on) fT
Cob
1/4cu/(c)N
-30 -30 -5 -100 -100 320 -2 -1 120 48
V V V nA nA V V MHz pF
100
IC=-100|I A IE=0 IC=-10mA IB=0 IE=-1mA IC=0 VCB=-30V, IE=0 VEB=-5V, IC=0 VCE=-2V, IC=-500mA IC=-1.5A, IB=-30mA VCE=-2V, IC=-500mA VCE=-2V, IC=-500mA VCB=-10V,IE=0 f=1MHz
*O 1/4AEae 3/4
O 100 200 160 Y 320


▲Up To Search▲   

 
Price & Availability of KSA928A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X